Part Number Hot Search : 
MSM51 MC54H NTE13 MC44603P 00341736 CX81801 BM200 RS2A1
Product Description
Full Text Search
 

To Download TEN40-4834 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TEN 40 Series, 40 Watt Features High Power Density: 40W in a
51x51x10mm (2"x2"x0.4") Package
compliant
RoHS
Wide 2:1 Input Voltage Range Models with Single-, Dual- and
Triple Output
Models with 2 independently regulated
3.3 and 5.0 VDC Outputs
Extended Operating Temperature
Range: -40C to +85C

Over Temperature Protection Under Voltage Lockout Remote On/Off Shielded metal Case with insulated Baseplate
Optional Heatsink Lead free Design - RoHS compliant 3 Years Product Warranty Models
Order code TEN 40-1210 TEN 40-1211 TEN 40-1212 TEN 40-1220 TEN 40-1222 TEN 40-1223 TEN 40-1233 TEN 40-1234 TEN 40-1231 TEN 40-1232 TEN 40-2410 TEN 40-2411 TEN 40-2412 TEN 40-2420 TEN 40-2422 TEN 40-2423 TEN 40-2433 TEN 40-2434 TEN 40-2431 TEN 40-2432 TEN 40-4810 TEN 40-4811 TEN 40-4812 TEN 40-4820 TEN 40-4822 TEN 40-4823 TEN 40-4833 TEN 40-4834 TEN 40-4831 TEN 40-4832 Input voltage range
The TEN 40 series is a family of high performance 40W dc-dc converter modules featuring 30 standard models with wide 2:1 input voltage ranges in a compact low profile case with industry-standard footprint. A very high efficiency allows an operating temperature range of -40C to 85C. Built-in filters for both input and output minimizes the need for external filtering. Further standard features include remote On/Off, output voltage trimming, over voltage protection, under voltage lockout and short circuit protection. Typical applications for these products are battery operated equipment and distributed power architectures in communication and industrial electronics, everywhere where isolated, tightly regulated voltages are required and space is limited on the PCB.
Output 1 3.3 VDC / 8.0 A 5 VDC / 8.0 A 12 VDC / 3.3 A *3.3 VDC / 8.0 A +12 VDC / 1.8 A +15 VDC / 1.4 A 3.3 VDC / 6.0 A 3.3 VDC / 6.0 A 5 VDC / 6.0 A 5 VDC / 6.0 A 3.3 VDC / 8.0 A 5 VDC / 8.0 A 12 VDC / 3.3 A *3.3 VDC / 8.0 A +12 VDC / 1.8 A +15 VDC / 1.4 A 3.3 VDC / 6.0 A 3.3 VDC / 6.0 A 5 VDC / 6.0 A 5 VDC / 6.0 A 3.3 VDC / 8.0 A 5 VDC / 8.0 A 12 VDC / 3.3 A *3.3 VDC / 8.0 A +12 VDC / 1.8 A +15 VDC / 1.4 A 3.3 VDC / 6.0 A 3.3 VDC / 6.0 A 5 VDC / 6.0 A 5 VDC / 6.0 A
Output 2
Output 3
Efficiency typ.. 86 % 86 % 86 % 85 % 85 % 85 % 84 % 84 % 86 % 86 % 87 % 89 % 88 % 86 % 87 % 87 % 85 % 85 % 87 % 87 % 88 % 90 % 89 % 88 % 87 % 87 % 86 % 86 % 88 % 88 % Page 1 of 9
9 - 18 VDC
*5 VDC / 8.0 A -12 VDC / 1.8 A -15 VDC / 1.4 A +12 VDC / 0.4 A +15 VDC / 0.3 A +12 VDC / 0.4 A +15 VDC / 0.3 A
-12 VDC / 0.4 A -15 VDC / 0.3 A -12 VDC / 0.4 A -15 VDC / 0.3 A
18 - 36 VDC
*5 VDC / 8.0 A -12 VDC / 1.8 A -15 VDC / 1.4 A +12 VDC / 0.4 A +15 VDC / 0.3 A +12 VDC / 0.4 A +15 VDC / 0.3 A
-12 VDC / 0.4 A -15 VDC / 0.3 A -12 VDC / 0.4 A -15 VDC / 0.3 A
36 - 75 VDC
*5 VDC / 8.0 A -12 VDC / 1.8 A -15 VDC / 1.4 A +12 VDC / 0.4 A +15 VDC / 0.3 A +12 VDC / 0.4 A +15 VDC / 0.3 A
-12 VDC / 0.4 A -15 VDC / 0.3 A -12 VDC / 0.4 A -15 VDC / 0.3 A
http://www.tracopower.com
* dynamic current allocation, max. 8A total output current for both outputs together
DC/DC Converters
TEN 40 Input Specifications
Input current at no load 12 V models: 200 mA typ. 24 V models: 100 mA typ. 48 V models: 50 mA typ. 3.3 V single 5.0 / 12 V single 3.3 & 5 V dual 12 / 15 V dual 3.3 V triple 5.0 V triple output output output output output output models: models: models: models: models: models: 2680 / 1325 / 655 mA typ. 4065 / 2000 / 1000 mA typ. 3415 / 1685 / 825 mA typ. 4400 / 2100 / 1050 mA typ. 3000 / 1500 / 750 mA typ. 4000 / 1990 / 980 mA typ. 5 V/ms, max. (complies with ETS300 132 part 4.4) 12 Vin models: 9 VDC / 8 VDC (typ.) 24 Vin models: 17.8 VDC / 15.8 VDC (typ.) 48 Vin models: 36 VDC / 33 VDC (typ.) 12 / 24 / 48 Vin models: 25/50/100 V max. EN 55022 level A, FCC part 15, level A with external capacitor (see note 1) EN 61000-4-2, perf. criteria B EN 61000-4-4, perf. criteria B EN 61000-4-5, perf. criteria B 1% ( 5% for auxilary outputs) 10% (only for single output models and symetric dual output models) - Input variation Vin min. to Vin max. single output models: dual output models: triple output models (main/auxiliary): - Load variation 10 - 100 % single output models: dual output models: triple output models: - Load cross variation 25 % /100 % Dual output models: triple output models (main/auxiliary): 0.5% max. 1% max. 1% max. / 5% max. 0.5% max. 1% max. 2% max. / 5% max. 5% max. 1% max. / 5 % max. 0.02%/K max. 3.3 V & 5 V outputs: 50 mVpk-pk max. dual outputs: 150 mVpk-pk max. all other outputs: 75 mVpk-pk max. 25 ms typ. 300 s typ. indefinite (automatic recovery) 150% of Iout max typ. foldback @ 115C typ 3.3 5 12 15 V V V V output: output: output: output: 3.9 V 6.2 V 15 V 18 V
40 Watt
Input current at full load (nominal input 12/24/48 Vin)
Input voltage variation (dv/dt) Start-up voltage / under voltage lockout
Surge voltage (100 msec. max.) Conducted noise (input) ESD (input) Fast transient (input) Surge (input)
Output Specifications
Voltage set accuracy Output voltage adjustment Regulation
Temperature coefficient Ripple and noise (20 MHz Bandwidth)
Start up time (nominal Vin and constant resistive load) Transient response time (25% load change) Short circuit protection Over load protection Thermal shutdown Over voltage protection
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 9
DC/DC Converters
TEN 40 Output Specifications
Minimum load (only for dual output models) 10% of rated max current (operation at lower load condition will not damage these converters, however, they may not meet all listed specifications) 3.3 V / 5 V / 12 V / 15 V: 21'000 / 13'600 / 2'360 / 1510 F max. dual output models (3.3 V / 5 V): 11'000 / 6'800 F max. dual output models ( 12 V / 15V): 1'200 / 750 F max. (on each output) 3.3 V triple output models: 13'000 / 330 F max. (main-/output 2 & 3)
40 Watt
Capacitive load output models
General Specifications
Temperature ranges - Operating - Case temperature - Storage - 40 C ... + 85 C + 100 C max. - 55 C ... + 125 C see graphs on page 3 to 5 95 % rel H max. > 510'000 h @ + 25 C 1`500 VDC 1000 pF max. > 1`000 M Ohm 3.5 ... 12 VDC or open circuit. 0 ... 1.2 VDC or short circuit pin 3 and pin 2 2.5 mA max. 300 kHz typ. (Pulse width modulation PWM) 10-55Hz, 2G, 30 minutes along X,Y,Z UL 1950, EN 60950, IEC 60950 compliance up to 60 VDC input voltage (SELV limit) UL /cUL File E 188913 - Voltage - Capacity - Resistance - On: - Off: - Off idle current:
Derating Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 E) Isolation (Input/Output)
Remote On/Off
Switching frequency (fixed) Vibration Safety standards Safety approvals
Note 1:
In order to meet conducted emissions EN55022-A and EN55011-A a capacitor between +Vin and -Vin has to be installed. The capacitor should be capable to handle 1 A ripple current. A suggestion is KMF Series of Nippon chemi-con, 220F/100V, ESR 90mOhm.
Output Voltage Adjustment
Trim up
Trim
Trim down
Ru
+Vout
Rd Trim Ru [kohm]*
- Vout Ru [kohm]* output +5% +10% 3.3V 6.8 1.5 5V 4.7 0.56 12V 47 8.2 12V 15V 47 33 2.2 2.7
output -5% -10%
3.3V 8.2 0.68
5V 5.6 0.68
12V 56 5.6
12V 15V 33 39 2.7 3.3 *approximate values
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 3 of 9
DC/DC Converters
TEN 40 Power De-rating
Natural convection without heat-sink Natural convection with heat-sink TEN-HS3 500 LFM with heat-sink TEN-HS3 TEN 40-1210
100 100
40 Watt
TEN 40-1211
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
TEN 40-1212
100 100
TEN 40-1220
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
TEN 40-1222
100 100
TEN 40-1223
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
http://www.tracopower.com
Page 4 of 9
DC/DC Converters
TEN 40 Power De-rating
TEN 40-1231
100 100
40 Watt
TEN 40-1232
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
TEN 40-1233
100 100
TEN 40-1234
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
TEN 40-2410
100 100
TEN 40-2411
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
http://www.tracopower.com
Page 5 of 9
DC/DC Converters
TEN 40 Power De-rating
TEN 40-2412
100 100
40 Watt
TEN 40-2420
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
TEN 40-2422
100 100
TEN 40-2423
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
TEN 40-2431
100 100
TEN 40-2432
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
http://www.tracopower.com
Page 6 of 9
DC/DC Converters
TEN 40 Power De-rating
TEN 40-2433
100 100
40 Watt
TEN 40-2434
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
TEN 40-4810
100 100
TEN 40-4811
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
TEN 40-4812
100 100
TEN 40-4820
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
http://www.tracopower.com
Page 7 of 9
DC/DC Converters
TEN 40 Power De-rating
TEN 40-4822
100 100
40 Watt
TEN 40-4823
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
TEN 40-4831
100 100
TEN 40-4832
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
TEN 40-4833
100 100
TEN 40-4834
80 Output Power (%) Output Power (%) -40 -20 0 20 40 60 80 100
80
60
60
40
40
20
20
0 Ambient Temperature [C]
0 -40 -20 0 20 40 60 80 100 Ambient Temperature [C]
http://www.tracopower.com
Page 8 of 9
DC/DC Converters
TEN 40 Physical Specifications
Case material Baseplate material Potting material Weight Soldering temperature copper, nickel plated none conductive FR4 epoxy (UL 94V-0 -rated) 65 g (2.3 oz) max. 265 C / 10 sec.
40 Watt
Outline Dimensions Pin-Out
Pin 1 2 3 4
45.7
(1.8)
(0.3) (0.3) (0.2) (0.3) (0.2) (0.3)
7.62 7.62 5.08 7.62 5.08 7.62
50.8
(2.0)
7 6 5
Bottom view
5.08 10.16
9 8
12.7
(0.5)
3 2 1
Single +Vin (Vcc) -Vin (GND) No con. -Sense +Sense +Vout -Vout Trim
(0.2) (0.4)
Dual symmetric +Vin (Vcc) -Vin (GND) No pin +Vout Common Common -Vout Trim
Dual assymmetric +Vin (Vcc) -Vin (GND) + Vout 1 -Vout No con. No con. +Vout 2 -Vout2
Triple +Vin (Vcc) -Vin (GND) + Vout 2 Common 2/3 -Vout 3 +Vout 1 -Vout 1 No con.
4
Remote On/Off
(0.14)
3.5
5 6 7 8 9
10.2
(0.4)
50.8
(2.0)
Dimensions in [mm], () = Inch Pin diameter: 1.0 0.05 (0.02 0.002) Pin pitch tolerances: 0.35 (0.014) Case tolerances: 0.5 (0.02)
Heat-sink TEN-HS3
56.0 (2.2) max.
Heat-sink Thermal pad Clamp Converter
Order code: TEN-HS3 (cont.: heat-sink, thermal pad, 2 clamps) Material: Aluminum Finish: Anodic treatment (black) Weight: 22g (0.78oz) (without converter)
17.0 (0.67) max.
Note: The product label on converter has to be removed before mounting the heat-sink. For volume orders converters will be supplied with heatsinks already mounted. Please contact factory for quotation. Separate heat-sinks are only available for prototypes and small quantity orders.
Specifications can be changed without notice
Rev. 09/05
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43311 4511 * Fax +41 43311 4545 * info@traco.ch * www.tracopower.com
14.5 (0.57)
Page 7 of 9


▲Up To Search▲   

 
Price & Availability of TEN40-4834

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X